Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PVC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC Datasheet HTML 9Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
TRANSMITTER ELECTRICAL CHARACTERISTICS
1
VCC = +5V (± 10%)
VCCA = +5V to + 12V (± 5%) or +5V to +15V (± 5%)
VEE = -12V or -15V (± 5%)
-55
°C < T
C < +125°C
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONITION
VO
Output Voltage Swing per
MIL-STD-1553B
2
(See figure 9)
per MIL-STD-1553B
(See figure 9)
per MIL-STD-1553A
2
(See figure 9)
18
6
6
27
9
20
VPP, L-L
VPP, L-L
VPP, L-L
Transformer-coupled stub, Figure
8, Point A: input
ƒ = 1MHz,
RL = 70 ohms.
Direct-coupled stub, Figure 8,
Point A: input
ƒ = 1MHz,
RL = 35 ohms.
Figure 7, Point A:
input
ƒ = 1MHz, R
L = 35 ohms.
VNS
2
Output Noise
Voltage Differential
(See figure 9)
14
5
mV-RMS,
L-L
mV-RMS,
L-L
Transformer-coupled stub, Figure
8, Point A: input
ƒ = DC to 10MHz,
RL = 70 ohms.
Direct-coupled stub, Figure 8,
Point A: input
ƒ = DC to 10MHz,
RL = 35 ohms.
Output Symmetry
(See figure 9)
-250
-90
+250
+90
mVPP, L-L
mVPP, L-L
Transformer-coupled stub, Figure
8, Point A: RL = 70 ohms, measure-
ment taken 2.5
µs after end of trans-
mission
Direct-coupled stub, Figure 8,
Point A: RL = 35 ohms, measure-
ment taken 2.5
µs after end of trans-
mission
Output voltage distortion
(overshoot or ring)
(See figure 9)
-900
-300
+900
+300
mV peak,
L-L
mV peak,
L-L
Transformer-coupled stub, Figure
8, Point A: RL = 70 ohms.
Direct-coupled stub, Figure 8,
Point A: RL = 35 ohms.
CIN
2
Input Capacitance
10
pF
TXIHB, TXIN, TXIN; input
ƒ = 1MHz @ 0 V
Terminal Input Impedance
1
2
Kohm
Kohm
Transformer-coupled stub, Figure
7, Point A: input
ƒ = 75KHz to
1MHz (power on or power off: non-
transmitting, RL removed from
circuit).
Direct-coupled stub, Figure 6,
Point A: input
ƒ = 75KHz to 1MHz
(power on or power off: non-trans-
mitting, RL removed from circuit).
Notes:
1. All tests guaranteed per test figure 6.
2. Guaranteed by device characterization.
VOS
2
TIZ
2
VDIS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com