Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PVC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 20Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 21Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 22Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
UT63M Single Channel MIL-STD-1553 Monolithic Transceiver
Radiation:
5
=
1E5 rads(Si)
-
=
None
Lead Finish:
(A) =
Solder
(C)
=
Gold
(X) =
Optional
Screening:
(C)
=
Military Temperature
(P)
=
Prototype
(Q)
=
QML-Q
(V)
=
QML-V
Package Type:
(P)
=
24-pin DIP
Device Type Modifier:
105
=
+\-15V, Idle low
107
=
+\- 12V, Idle Low
UT63M
*
*
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Military Temperature range devices are burned-in and are tested at -55
°C, room temperature, and 125°C. Radiation characteristics are neither tested
nor guaranteed and may not be specified.
4. Devices have prototype assembly and are tested at 25
°C only. Radiation characteristics are neither tested nor guaranteed and may not be specified. Lead
finish is at UTMC’s option and an “X” must be specified when ordering.
5. The 63M105 only may be ordered with 1E5 rads(Si) total dose. Co60 testing is required. Contact factory for details.
6. SEU and neutron irradiation limits will be added when available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com