Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PVC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC Datasheet HTML 4Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 5Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 6Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 9Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
VIN
RL =
55 OHMS
55 OHMS
35 OHMS
A
2K OHMS
2K OHMS
RECEIVER
TRANSMITTER
TP
TP
*
1:1.4
1.4:1
RXIN
RXEN
TXIN
TXOUT
RXOUT
TXIHB
55 OHMS
55 OHMS
35 OHMS
Notes:
1. TP = Test point.
2. RL removed for terminal input impedance test.
3. TX and RX tied together.
RXIN
TXIN
TXOUT
15pF
15pF
VCC
RXOUT
Figure 6. Direct-Coupled Transceiver with Load
VIN
Figure 7. Transformer-Coupled Transceiver with Load
1:1.4
2K OHMS
2K OHMS
RECEIVER
TP
TP
TRANSMITTER
55 OHMS
55 OHMS
35 OHMS
A
TXIHB
TXIN
RXEN
TXOUT
N:L
L:N
1.4:1
RXIN
RXOUT
*
Notes:
1. TP = Test point.
2. N:L Ratio is dependent on power supply voltage.
3. RL removed for terminal input impedance test.
4. TX and RX tied together.
RXIN
TXIN
TXOUT
RXOUT
15pF
15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com