Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPHS01B Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZPHS01B
Description  Multi-in-One Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPHS01B Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPHS01B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
CO2
Range
0~5000 ppm
Accuracy
±
(50ppm+5% of reading value)
Warm-up time
3min
Response time
T90 < 120s
Sampling method
Diffuse
Lifespan
> 5 years
CH2O
range
0~6.250 mg/m3
accuracy
± 0.03 mg/m3(when concentration is≤ 0.2mg/m3);
± 20% reading value (when concentration is >0.2mg/m3)
Warm-up
≤ 3min
Response time
≤ 60s
Recovery time
≤ 60s
Sampling method
Diffuse
Life span
5 years (18~25℃ in clean air)
TVOC
Range
0~3 grades
Warm-up
≤
3min
Response time
≤
20s
Recovery time
≤
60s
Sampling method
Diffuse
Sensitivity attenuation
≤
1% /year
O3
Range
0~10 ppm
Resolution
0.01 ppm
Accuracy
± 0.1ppm, when the concentration is ≤1ppm;
±20% full range, when the concentration is over 1ppm;
Warm-up
≤3min
Response time
≤90s
Recovery time
≤90s
Sampling method
Diffuse
Life span
2 years(18~25℃ in clean air)
CO
Range
0~500 ppm
Resolution
0.1 ppm
Accuracy
± 10% reading value
Warm-up
≤
30s
Response time
≤
30s
Recovery time
≤
30s
Sampling method
Diffuse
Life span
3~5 years (in air)
NO2
Range
0.1~10 ppm
Resolution
0.05ppm
Warm-up
≤
3min
Response time
≤
120s
Recovery time
≤
90s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com