Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPHS01B Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZPHS01B
Description  Multi-in-One Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPHS01B Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPHS01B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Multi-in-One ZPHS01B Sensor Module
Profile
ZPHS01B is a multi-in-one air quality module, integrating laser dust sensor, infrared carbon dioxide sensor,
electrochemical formaldehyde sensor, electrochemical ozone sensor, electrochemical carbon monoxide sensor,
VOC sensor, NO2 sensor and temperature and humidity sensor. It can accurately measure the concentration of
various gases in the air, with UART (TTL level) communication interface.
Application
Gas detector
Air conditioner
Air quality monitoring
Air purifier
HVAC system
Smart home
Specification
Model
ZPHS01B
Target Gas
CO2. PM2.5. CH2O. O3. CO. TVOC. NO2. Temperature.
Humidity
Working voltage
5V (DC)
Average Current
<
300 mA
Peak Current
<
500 mA
Physical interface
XH2.54-4P
Interface level
3V(compatible with 3.3V)
Output signal
UART (TTL)
PM2.5
Range
0~1000 μg/m3
Particle size range
0.3-10μm(PM1.0, PM2.5, PM10)
Accuracy
±
15 ug/m3(when concentration is≤100ug/m3);
±
15% (when concentration is >100ug/m3)
Response time
T90 < 45s
Sampling method
Fan extraction
MTTF
Continuous uninterrupted > 10000h



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com