Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPHS01B Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZPHS01B
Description  Multi-in-One Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPHS01B Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPHS01B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Tempera
ture
Range
-20~65℃
Accuracy
±
0.5℃(0-65℃)
Humidity
Range
0~100%RH
Accuracy
±
3%RH
Working temperature
-10~50℃
Working humidity
15~80% RH(no condensing)
Storage temperature(recommend)
0~25℃
Storage humidity (recommend)
0~80% RH
Dimensions
135 x 50 x 26.2mm (L x W x H)
Pin Definition
Serial communication protocol format
1. Communication parameter
Baud rate
9600bps
Data bit
8bit
Stop bit
1bit
Check digit
None
2. Communication command
The communication between the host and module, adopts question and answer mode.
The command format to read the module concentration is as following:
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start bit
Reserved Command
Reserved
Reserved
Reserved
Reserved
Reserved
Check
value
0xFF
0x01
0x86
0x00
0x00
0x00
0x00
0x00
0x79
The command format which the module returns the concentration value is as following:
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start bit
Command
PM1.0
PM2.5
PM10
CO2
0xFF
0x86
0x00
0x65
0x00
0x36
0x00
0x96
0x01
Byte9
Byte10
Byte11
Byte12
Byte13
Byte14
Byte15
Byte16
Byte17
CO2
VOC
Temperature
Humidity
CH2O
CO
PIN
Definition
PIN1
GND
PIN2
+5V
PIN3
RXD(UART input)
PIN4
TXD(UART output)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com