Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPHS01B Datasheet(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZPHS01B
Description  Multi-in-One Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPHS01B Datasheet(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPHS01B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
0x9A
0x00
0x02
0xFD
0x00
0x28
0x00
0x28
0x00
Byte18
Byte19
Byte20
Byte21
Byte22
Byte23
Byte24
Byte25
CO
O3
NO2
Reserved Reserved
Check
sum
0x05
0x00
0x20
0x00
0x50
0x00
0x00
0xEA
Note:
Item
Unit
Concentration
PM1.0
Ug/m3
(Byte2*256+Byte3)ug/m3= 101ug/m3
PM2.5
Ug/m3
(Byte4*256+Byte5)ug/m3= 54ug/m3
PM10
Ug/m3
(Byte6*256+Byte7)ug/m3= 150ug/m3
CO2
ppm
(Byte8*256+Byte9)ppm=410ppm
VOC
0~3 grade
Temperature
0.1℃
((Byte11*256+Byte12)-500)*0.1℃=26.5℃
For example: byte11=0x01, byte12=0x59
((Byte11*256+Byte12)-500)*0.1℃=-15.5℃
Humidity
%RH
(Byte13*256+Byte14)%RH=40%RH
CH2O
0.001mg/m3
(Byte15*256+Byte16)*0.001mg/m3=0.040mg/m3
CO
0.1ppm
(Byte17*256+Byte18)*0.1ppm=0.5ppm
O3
0.01ppm
(Byte19*256+Byte20)*0.01ppm=0.32ppm
NO2
0.01ppm
(Byte21*256+Byte22)*0.01ppm=0.80ppm
3. Checksum calculation
Check value=(invert( Byte1+Byte2+...+Byte7/Byte24))+1
Note:
1. PM2.5 sensor collection hole is the internal airflow inlet, which needs to maintain good contact with the
outside air; the fan installation position is the internal airflow outlet of the sensor. When the sensor is installed,
please avoid strong airflow around the sensor; if it cannot be avoided, try to keep the direction of the external
airflow perpendicular to the direction of the internal airflow of the sensor.
2. When designing the detection chamber of the whole detector, the effective area of the PM2.5 sensor
sampling port must be fully considered to ensure the smoothness of the sampling gas path as much as possible.
A small sampling area and excessive air resistance will seriously affect the accuracy of the sensor data.
3. Excessive impact or vibration will affect the sensor accuracy and life span, so the sensor should be protected
from falling or vibration during installation and use.
4. The PM2.5 sensor on this module is suitable for the detection of dust particles in ordinary indoor
environments. The actual use environment should try to avoid soot environment, excessive dust particles, high
humidity environment, such as: kitchen, bathroom, smoking room, outdoor, etc. If used in such an environment,
appropriate protective measures should be added to prevent viscous particles or large particles from entering
the sensor, forming a buildup inside the sensor, and affecting the sensor's performance.
5. The module should avoid contact with organic solvents (including silica gel and other adhesives), coatings,
pharmaceuticals, oils and high-concentration gases.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com