Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPHS01B Datasheet(PDF) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZPHS01B
Description  Multi-in-One Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPHS01B Datasheet(HTML) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPHS01B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPHS01B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
6. The module cannot be completely encapsulated with resin material, and it cannot be immersed in an
oxygen-free environment, otherwise the performance of the sensor will be damaged.
7. The module cannot be used in the environment containing corrosive gas for a long time. Corrosive gas will
damage the sensor.
8. The module needs to be warmed up for more than 3 minutes when it is powered on for the first time.
9. Do not use this module in systems involving personal safety.
10. Do not install the module in a strong convection air environment.
11. Do not place the module in high-concentration organic gas for a long time. Long-term placement will cause
the sensor zero point drift and slow recovery.
12. It is prohibited to use hot-melt adhesive or sealant to seal the module with a curing temperature higher than
80℃.
13. The sensor should be away from the heat source, and avoid direct sunlight or other heat radiation.
Zhengzhou Winsen Electronics Technology Co., Ltd
Add.: NO.299 Jin Suo Road, National Hi-Tech Zone,
Zhengzhou, 450001 China
Tel.: 0086-371-67169097 67169670
Fax: +86- 371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com