Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6.5 Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V, VEN = 1 V, IOUT = 1 mA, CIN = 1 µF, and COUT = 1 µF (unless otherwise noted)(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Power supply rejection ratio(10)
ƒ = 100 Hz, IOUT = 20 mA, VOUT ≥ 1 V
80
dB
ƒ = 1 kHz, IOUT = 20 mA, VOUT ≥ 1 V
75
ƒ = 10 kHz, IOUT = 20 mA, VOUT ≥ 1 V
65
ƒ = 100 kHz, IOUT = 20 mA, VOUT ≥ 1 V
40
ƒ = 2 MHz, IOUT = 20 mA, VOUT ≥ 1 V
25
ƒ = 100 Hz, IOUT = 20 mA, 0.8 V < VOUT < 1 V
65
ƒ = 1 kHz, IOUT = 20 mA, 0.8 V < VOUT < 1 V
65
ƒ = 10 kHz, IOUT = 20 mA, 0.8 V < VOUT < 1 V
65
ƒ = 100 kHz, IOUT = 20 mA, 0.8 V < VOUT < 1 V
40
ƒ = 2 MHz, IOUT = 20 mA, 0.8 V < VOUT < 1 V
25
eN
Output noise voltage(10)
BW = 10 Hz to 100 kHz
IOUT = 1 mA
12
µVRMS
IOUT = 300 mA
12
TSD
Thermal shutdown
TJ rising until output is OFF
160
°C
Thermal hysteresis
TJ falling from shutdown
15
LOGIC INPUT THRESHOLDS
VIL
EN low threshold (Off)
VIN = 1.3 V to 3.3 V
0.3
V
VIH
EN high threshold (On)
1
IEN
EN pin current(9)
VEN = 3.3 V, VIN = 3.3 V
3.3
µA
VEN = 0 V, VIN = 3.3 V
0.001
TRANSIENT CHARACTERISTICS(9)
ΔVOUT
Line transient(10)
VIN = (VOUT(NOM) + 0.5 V) to (VOUT(NOM) + 1 V)
in 30 µs
IOUT = 1 mA
0
1
mV
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) + 0.5 V)
in 30 µs
IOUT = 1 mA
–1
0
Load transient(10)
IOUT = 1 mA to 100 mA in 10 µs
–45
mV
IOUT = 100 mA to 1 mA in 10 µs
45
Overshoot on start-up(10)
5%
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM)
80
200
µs
OUTPUT DISCHARGE
RAD
Output discharge pulldown
resistance
VEN = 0 V, VIN = 2.3 V
160
Ω
(1)
All voltages are with respect to the device GND pin.
(2)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the TJ range of –40°C to 125°C, unless
otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for reference purposes only.
(3)
CIN, COUT: Low-ESR Surface-Mount-Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load current.
(5)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT. IQ = (IIN – IOUT)
(6)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(7)
Output reverse current (IRO) is measured at the IN pin.
(8)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value. Dropout voltage is not a valid condition for output voltages less than 1.3 V as compliance with the minimum operating
input voltage can not be ensured.
(9)
There is a 1-MΩ resistor between EN and ground on the device.
(10) This specification is verified by design.
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com