Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 3 Page - Texas Instruments

  LP5910 Datasheet HTML 1Page - Texas Instruments LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Pin Configuration and Functions
EN
OUT
GND
IN
A2
B2
A1
B1
Figure 5-1. YKA Package, 4-Pin Ultra-Thin DSBGA,
Top View
EN
OUT
GND
IN
A2
B2
A1
B1
Figure 5-2. YKA Package, 4-Pin Ultra-Thin DSBGA,
Bottom View
1
2
3
6
5
4
OUT
NC
GND
IN
NC
EN
Figure 5-3. DRV Package, 6-Pin WSON With Thermal Pad, Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DSBGA
WSON
EN
B1
4
I
Enable input; disables the regulator when logic low. Enables the regulator when logic
high. An internal 1-MΩ pull down resistor connects this input to ground.
GND
B2
5
—
Common ground
IN
A1
6
I
Voltage supply input. A 1-μF capacitor must be connected at this input.
NC
—
2, 3
—
No internal connection. Connect to ground or leave open.
OUT
A2
1
O
Voltage output. A 1-µF low-ESR capacitor must be connected from this pin to the
GND pin. Connect this output to the load circuit.
Exposed Pad
—
Thermal Pad
—
The exposed thermal pad on the bottom of the package must be connected to a
copper area under the package on the PCB. Connect to ground potential or leave
floating. Do not connect to any potential other than the same ground potential seen at
device pin 5 (GND). See the Power Dissipation section for more information.
www.ti.com
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com