Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LP5910 is designed to meet the requirements of RF and analog circuits, by providing low noise, high
PSRR, low quiescent current, and low line or load transient response figures. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with
a value of 1 µF. The LP5910 delivers this performance in an industry-standard DSBGA package which, for this
device, is specified with a TJ of –40°C to +125°C.
8.2 Typical Application
Figure 8-1 shows the typical application circuit for the LP5910. Input and output capacitances may need to be
increased above 1-µF minimum for some applications.
IN
OUT
GND
EN
LP5910
VOUT
VIN
Enable
1 µF
1 µF
Figure 8-1. LP5910 Typical Application
8.2.1 Design Requirements
For typical LP5910 applications, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
1.3 V to 3.3 V
Output voltage
0.8 V to 2.3 V
Output current
300 mA
Output capacitor range
1 µF to 10 µF
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
Like most low-dropout regulators, the LP5910 requires external capacitors for regulator stability. The device is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
8.2.2.2 Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected from the
LP5910 IN pin to ground. (This capacitance value may be increased without limit.) The input capacitor must be
www.ti.com
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com