Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments LP5910 Datasheet HTML 19Page - Texas Instruments LP5910 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
8.2.2.9 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (Ψ) thermal characteristics to estimate the junction
temperatures of surface mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (ΨJT and ΨJB) are given in Thermal Information and are
used in accordance with Equation 4 or Equation 5.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
(4)
where
• PD(MAX) is explained in Equation 1.
• TTOP is the temperature measured at the center-top of the device package.
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
(5)
where
• PD(MAX) is explained in Equation 1.
• TBOARD is the PCB surface temperature measured 1-mm from the device package and centered on the
package edge.
For more information about the thermal characteristics ΨJT and ΨJB, see the Semiconductor and IC Package
Thermal Metrics application report, available for download at www.ti.com.
For more information about measuring TTOP and TBOARD, see the Using New Thermal Metrics application report,
available for download at www.ti.com.
For more information about the EIA/JEDEC JESD51 PCB used for validating RθJA, see the Thermal
Characteristics of Linear and Logic Packages Using JEDEC PCB Designs application report, available for
download at www.ti.com.
8.2.3 Application Curves
Time (µs)
-25
0
25
50
75
100
125
150
0
0
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
D021
VIN
VOUT
VEN = VIN
VOUT = 1.8 V
COUT = 1 µF
Figure 8-2. Turnon Time
Time (µs)
-20
-10
0
10
20
30
40
50
60
70
80
0
-12
20
-8
40
-4
60
0
80
4
100
8
120
12
D022
IOUT
'VOUT
VIN = 2.3 V
VOUT = 1.8 V
COUT = 1 µF
IOUT = 1 mA to 100 mA
tRISE = 10 µs
Figure 8-3. Load Transient Response
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com