Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments LP5910 Datasheet HTML 19Page - Texas Instruments LP5910 Datasheet HTML 20Page - Texas Instruments LP5910 Datasheet HTML 21Page - Texas Instruments LP5910 Datasheet HTML 22Page - Texas Instruments LP5910 Datasheet HTML 23Page - Texas Instruments LP5910 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-May-2021
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP5910-0.9YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
D
LP5910-1.0DRVR
ACTIVE
WSON
DRV
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
59A
LP5910-1.0YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
A
LP5910-1.1BYKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
T
LP5910-1.1BYKAT
ACTIVE
DSBGA
YKA
4
250
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
T
LP5910-1.1YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
E
LP5910-1.2PYCPR
PREVIEW
DSBGA
YCP
4
3000
Non-RoHS &
Non-Green
Call TI
Call TI
-40 to 125
LP5910-1.2YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
B
LP5910-1.725YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
N
LP5910-1.825YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
O
LP5910-1.825YKAT
ACTIVE
DSBGA
YKA
4
250
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
O
LP5910-1.8DRVR
ACTIVE
WSON
DRV
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
59C
LP5910-1.8DRVT
ACTIVE
WSON
DRV
6
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
59C
LP5910-1.8YKAR
ACTIVE
DSBGA
YKA
4
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
C
LP5910-1.8YKAT
ACTIVE
DSBGA
YKA
4
250
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
C
PLP5910-1.2PYCPR
ACTIVE
DSBGA
YCP
4
3000
Non-RoHS &
Non-Green
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com