Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18KBXC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18KBXC Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 5Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: 18KBXC
http://www.m-system.co.jp/
18KBXC SPECIFICATIONS
ES-0492 Rev.0 Page 3/6
DIMENSIONS unit: mm (inch)
1
3
15
2
14
16
15
14
16
2
1
3
+
+
435 (17.13)
■ RACK (standard)
■ SURFACE (option /W)
465 (18.31)
480 (18.90)
CN2
CONNECTOR
CN1
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
3-M4 POWER TERMINAL
8.2 (.32)
64−M3.5
FIELD TERMINAL*
1
2
1
2
1
2
3
4
3
4
3
4
1ch
15ch
16ch
*Field I/O Terminal Block



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com