Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXC Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18KBXC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXC Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18KBXC Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 5Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: 18KBXC
http://www.m-system.co.jp/
18KBXC SPECIFICATIONS
ES-0492 Rev.0 Page 4/6
I/O CONNECTOR PIN ASSIGNMENT
Fujitsu FCN type I/O connector
(Fujitsu FCN-365P040-AU)
•
Connector Pin Assignment
CN1:
output 1 or input
CN2:
output 2
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A 1
ch. 1 +
B 1
ch. 1 –
A 2
ch. 2 +
B 2
ch. 2 –
A 3
ch. 3 +
B 3
ch. 3 –
A 4
ch. 4 +
B 4
ch. 4 –
A 5
ch. 5 +
B 5
ch. 5 –
A 6
ch. 6 +
B 6
ch. 6 –
A 7
ch. 7 +
B 7
ch. 7 –
A 8
ch. 8 +
B 8
ch. 8 –
A 9
ch. 9 +
B 9
ch. 9 –
A10
ch.10 +
B10
ch.10 –
A11
ch.11 +
B11
ch.11 –
A12
ch.12 +
B12
ch.12 –
A13
ch.13 +
B13
ch.13 –
A14
ch.14 +
B14
ch.14 –
A15
ch.15 +
B15
ch.15 –
A16
ch.16 +
B16
ch.16 –
A17 – A20, B17 – B20: Unused
Pin assignment is common to both CN1 and CN2.
Yokogawa DCS MAC2 / PAC card use
(PS-40PE-D4LT1-PN1)
•
Location
CN1:
MAC2 / PAC card use*
CN2:
MAC2 / PAC card use* (for redundancy)
The input or output 1 is connected to the connector.
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
i
o
i
o
i
o
i
o
i
o
i
o
i
o
i
o
MAC2/PAC CARD I/O (i = input, o = output)
*MAC2 card (uses KS1 cable)
I/O card used for control I/O. Composed of 8 inputs
and 8 outputs. Input and output are paired. (Replace
with pulse inputs for PAC card.)
Yokogawa DCS VMx / PM1 card use
(PS-40PE-D4LT1-PN1)
•
Location
CN1:
VMx / PM1 card use*
The input or output 1 is connected to the connector.
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VM1/PM1/VM4 CARD INPUT or OUTPUT
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
VM2 CARD INPUT NO.
VM2 CARD OUTPUT NO.
*VMx / PM1 card (uses KS2 cable)
VM1: analog input 16 points
VM2: analog input 8 points / analog output 8 points
VM4: analog output 16 points
PM1: pulse input 16 points
Connector Pin Assignment (CN1, CN2)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
40
ch. 1 +
24
ch. 9 +
39
ch. 1 –
23
ch. 9 –
38
ch. 2 +
22
ch.10 +
37
ch. 2 –
21
ch.10 –
36
ch. 3 +
20
ch.11 +
35
ch. 3 –
19
ch.11 –
34
ch. 4 +
18
ch.12 +
33
ch. 4 –
17
ch.12 –
32
ch. 5 +
16
ch.13 +
31
ch. 5 –
15
ch.13 –
30
ch. 6 +
14
ch.14 +
29
ch. 6 –
13
ch.14 –
28
ch. 7 +
12
ch.15 +
27
ch. 7 –
11
ch.15 –
26
ch. 8 +
10
ch.16 +
25
ch. 8 –
9
ch.16 –
Yokogawa DCS for Module
AAB841 module (Adapter: ATV4A, Cable: KS2)*
•
Location
CN1:
Single
CN2:
Unused* *
The input or output 1 is connected to the connector.
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
AAB841 module INPUT NO.
The CN1 and CN2 are connected in parallel.
1 – 8: Unused
*I/O module
AAB841: Analog I/O module
(1 - 5 V input, 4 - 20 mA output,
input 8 points / output 8 points, non-isolated)
**Not available for redundancy
(PS-40PE-D4LT1-PN1)
AAB841 module OUTPUT NO.
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
ch. 1 +
19
ch. 1 –
2
ch. 2 +
20
ch. 2 –
3
ch. 3 +
21
ch. 3 –
4
ch. 4 +
22
ch. 4 –
5
ch. 5 +
23
ch. 5 –
6
ch. 6 +
24
ch. 6 –
7
ch. 7 +
25
ch. 7 –
8
ch. 8 +
26
ch. 8 –
9
ch. 9 +
27
ch. 9 –
10
ch.10 +
28
ch.10 –
11
ch.11 +
29
ch.11 –
12
ch.12 +
30
ch.12 –
13
ch.13 +
31
ch.13 –
14
ch.14 +
32
ch.14 –
15
ch.15 +
33
ch.15 –
16
ch.16 +
34
ch.16 –
Toshiba DCS VTBU card use
(57LE-40360-7700)
•
Connector Pin Assignment
CN1:
VTBU card use
The output 1 is connected to the connector.
17, 18, 35 and 36: Unused



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com