Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXC Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 18KBXC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXC Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  18KBXC Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 5Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: 18KBXC
http://www.m-system.co.jp/
18KBXC SPECIFICATIONS
ES-0492 Rev.0 Page 5/6
Yamatake DCS AI connector
•
Location
Input connector: 57LE-40500-7300
CN1:
AI use
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
YAMATAKE DCS AI CARD (J-HAM50/HMM00) INPUT
Yamatake DCS AO connector
•
Location
Output connector: 57LE-40500-7300
CN1:
AO use
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
YAMATAKE DCS AO CARD (J-AOM10) OUTPUT
Connector Pin Assignment (CN1)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
3
ch. 1 +
11
ch. 9 +
4
ch. 1 –
12
ch. 9 –
5
ch. 2 +
13
ch.10 +
6
ch. 2 –
14
ch.10 –
7
ch. 3 +
15
ch.11 +
8
ch. 3 –
16
ch.11 –
9
ch. 4 +
17
ch.12 +
10
ch. 4 –
18
ch.12 –
27
ch. 5 +
19
ch.13 +
26
ch. 5 –
20
ch.13 –
29
ch. 6 +
21
ch.14 +
28
ch. 6 –
22
ch.14 –
31
ch. 7 +
23
ch.15 +
30
ch. 7 –
24
ch.15 –
33
ch. 8 +
25
ch.16 +
32
ch. 8 –
50
ch.16 –
34 – 37 (CN1): Unused
1 and 2, 48 and 49 in CN1 are connected.
The input is connected to the connector.
Yamatake DCS PI connector
•
Location
Output connector: 57LE-40500-7300
CN1, CN2: PI use
18K-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
YAMATAKE DCS PI CARD
(J-PIM00) INPUT
Connector Pin Assignment (CN1, CN2)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
3
ch. 1 +
3
ch. 9 +
4
ch. 1 –
4
ch. 9 –
5
ch. 2 +
5
ch.10 +
6
ch. 2 –
6
ch.10 –
7
ch. 3 +
7
ch.11 +
8
ch. 3 –
8
ch.11 –
9
ch. 4 +
9
ch.12 +
10
ch. 4 –
10
ch.12 –
27
ch. 5 +
27
ch.13 +
26
ch. 5 –
26
ch.13 –
29
ch. 6 +
29
ch.14 +
28
ch. 6 –
28
ch.14 –
31
ch. 7 +
31
ch.15 +
30
ch. 7 –
30
ch.15 –
33
ch. 8 +
33
ch.16 +
32
ch. 8 –
32
ch.16 –
11 – 25 and 50 (CN1, CN2): Unused
1, 36, 38, 39, 41, 42, 43 and 45 in CN1 and CN2 are connected.
The output 1 is connected to the connector.
YAMATAKE DCS PI CARD
(J-PIM00) INPUT
CN1
CN2
2, 34, 35, 37, 40, 44, 46 and 47 in CN1 and CN2 are connected.
48 and 49 in CN1 and CN2 are connected.
(CN1)
(CN2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com