Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18KBXC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18KBXC Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 5Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: 18KBXC
http://www.m-system.co.jp/
18KBXC SPECIFICATIONS
ES-0492 Rev.0 Page 2/6
MOUNTING REQUIREMENTS unit: mm (inch)
450 (17.72)
465 (18.31)
4–M5 SCREW
ANGLE BRACKET
Observe an appropriate wiring space over and below.
*100 (3.94) for JIS standard
CONNECTION DIAGRAM
1
2
FG
3
CN1
CN2
+
−
POWER
Note 1: CN1 and CN2 are not available without connector.
Note 2: CN2 is only available with
• Fujitsu FCN type I/O connector
• Yokogawa DCS MAC2 / PAC card use
• Yokogawa DCS for Module / AAB841
(Adapter: ATV4A, Cable: KS2)
• Yamatake DCS PI connector
  
  



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com