Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KBXC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KBXC Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 5Page - M-System Co.,Ltd. 18KBXC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: 18KBXC
http://www.m-system.co.jp/
18KBXC SPECIFICATIONS
ES-0492 Rev.0 Page 1/6
Rack-mounted DCS Signal Conditioners 18K-RACK
STANDARD RACK
Functions & Features
• Standard 19" rack for 18K-RACK signal conditioners
• 18-Rack signal conditioners are also mountable
• Module can be retracted without removing wiring for an
insulation test
• Line power supplied via the rear rack bus
• Direct interface to various DCS with the rack side
connector
MODEL: 18KBXC–[1][2]
ORDERING INFORMATION
• Code number: 18KBXC-[1][2]
Specify a code from below for each [1] and [2].
(e.g. 18KBXC-Y1/W)
[1] CONNECTOR
0: None
U1: Fujitsu FCN type I/O connector
Y1: Yokogawa DCS MAC2 / PAC card use
Y2: Yokogawa DCS VMx / PM1 card use
Y3: Yokogawa DCS for Module
• AAB841 (Adapter: ATV4A, Cable: KS2)
E4: Toshiba DCS VTBU card use
K1: Yamatake DCS AI connector
K2: Yamatake DCS AO connector
K5: Yamatake DCS PI connector
M-System guarantees the connecting section.
[2] OPTIONS
Mounting Bracket
blank: Rack mounting, standard
/W: Surface mounting
RELATED PRODUCTS
• Blank filler plate (model: P-181)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Colored Zn-Cr
Capacity: 16 positions
Connection
Power input: M4 screw terminals (torque 0.8 N·m)
Field terminal: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal
Power: Nickel-plated brass
Field terminal: Nickel-plated steel
Isolation: I/O connector to field terminal to power to FG
INSTALLATION
Power input
•DC: Operating voltage range 24 V DC ±10 %, 2.5 A
minimum (ripple 10 % p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: JIS or EIA standard rack or surface
Weight: 2.7 kg (5.95 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(I/O connector to field terminal to power)
1000 V AC @ 1 minute (I/O connector or field terminal or
power to FG)


Similar Part No. - 18KBXC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXCA-0 MSYSTEM-18KBXCA-0 Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXCA-0/W MSYSTEM-18KBXCA-0/W Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXCA-E4 MSYSTEM-18KBXCA-E4 Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXCA-E4/W MSYSTEM-18KBXCA-E4/W Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KBXC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com