Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9708 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Pin Description
VOUT (Pin 1):
Ideal Diode Cathode and Output. Bypass VOUT with ESR capacitor. However stability
improves with higher ESRs.
GND (Pin 2):
Power and Signal Ground for the IC.
NC (Pin 3):
No used.
EN (Pin 4):
Status Condition Indicator. This pin indicates the conducting status of the
. If the
part is forward biased (VIN > VOUT + VFWD) this pin will be Hi-Z. If the part is reverse biased (VOUT > VIN +
VRTO), then this pin will pull down 10mA through an open-drain. When terminated to a high voltage
through a 470k resistor, a high voltage indicates diode conducting. May be left floating or grounded
when not in use.
VIN (Pin 5):
Ideal Diode Anode and Positive Power Supply for
. When operating
as a
switch it must be bypassed with a low ESR ceramic capacitor.
HM9708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com