Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9708 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Reverse current preventing
The output MOSFET and driver circuitry are also designed to allow the MOSFET source to be externally
forced to a higher voltage than the drain (VOUT > VIN ≥ 0). To prevent reverse current from such condition,
H
will automatically shut off the MOSFET.
Layout and Thermal Dissipation
1. Place the switch as close to the USB connector as possible. Keep all traces as short as possible to
reduce the effect of undesirable parasitic Inductance.
2. Place the output capacitor and ferrite beads as close to the USB connector as possible. If ferrite beads
are used, use wires with minimum resistance and large solder pads to minimize connection resistance.
3. If ferrite beads are used, use wires with minimum resistance and large solder pads to minimize
connection resistance.
4. If the package is with dual VOUT or VIN pins, short both the same function pins to reduce the internal
turn-on resistance. If the output power will be delivered to two individual ports, it is especially necessary
to short both VOUT pin at the switch output side in order to protect the switch when each port is plug-in
separately.
5. Under normal operating conditions, the package can dissipate the channel heat away. Wide power
bus planes connected to VIN and VOUT and a ground plane in contact with the device will help
dissipate additional heat.
HM9708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com