Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9708 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
F
Fe
ea
attu
urre
ess
200mΩ Typ. High-Side MOSFET
0.8A Current Limit (VIN=3.0V)
Wide Input Voltage Range: 2V ~ 5.5V
Soft Start
Thermal Protection
Small SOT-23-5 Package Minimizes Board
Space
A
Ap
pp
plliicca
attiio
on
nss
Battery-Powered Equipment
Motherboard USB Power Switch
USB Device Power Switch
Hot-Plug Power Supplies
Battery-Charger Circuits
D
De
essccrriip
pttiio
on
n
The
is an integrated 200mΩ power
switch
for
self-powered
and
bus-powered
Universal Series Bus (USB) applications. Its low
quiescent supply current (50μA) and small
package (SOT-23-5) is particularly suitable in
battery-powered portable equipment.
Several protection functions include soft start to
limit inrush current during plug-in, current limiting
at 0.8A(VIN=3.0V) and thermal shutdown to
protect damage under over current conditions.
T
Tyyp
piicca
all A
Ap
pp
plliicca
attiio
on
n C
Ciirrccu
uiitt
2
20
00
0m
mΩ
Ω P
Po
ow
we
err D
Diissttrriib
bu
uttiio
on
n S
Sw
wiittcch
he
ess
VIN
VOUT
GND
DC+
C1
10µF
C2
10µF
1
4
5
EN
2
VOUT
H
M9708
ON OFF
HM9708


Similar Part No. - HM9708

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9701AB HMSEMI-HM9701AB Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9701BB HMSEMI-HM9701BB Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
100m廓 power switch
HM9701D HMSEMI-HM9701D Datasheet
600Kb / 4P
50m廓 power switch
More results

Similar Description - HM9708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
A4770A AITSEMI-A4770A Datasheet
239Kb / 6P
POWER SWITCH 150m廓 POWER DISTRIBUTION SWITCHES
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com