Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9708 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
P
Piin
n A
Assssiig
gn
nm
me
en
ntt
A
Ab
bsso
ollu
utte
e M
Ma
axxiim
mu
um
m R
Ra
attiin
ng
gss ((NNoottee 11))
Supply Voltage ...............................................................................................................................7V
Chip Enable.....................................................................................................................-0.3V ~ 7V
Power Dissipation, PD @ TA = 25
C........................................................................SOT-23-5 0.25W
Operating Temperature Range................................................................................. -40℃ ~ +85℃
Storage Temperature Range..........................................................................…..…-65℃ ~ +150℃
Junction Temperature …………………………………………………………………-40℃ ~ +125℃
Lead Temperature………………………………………………………………………………….+265℃
Note 1:
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability.
Number
Name
Function
1
VOUT
Output Pin
2
GND
Ground
3
NC
No Used
4
EN
ON/OFF Control
(High Enable)
5
VIN
Power Input
HM9708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com