Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9708 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
A
Ap
pp
plliicca
attiio
on
n IIn
nffo
orrm
ma
attiio
on
n
The
is a high-side single switch with active-high enable input.
Input and Output
VIN (input) is the power supply connection to the circuitry and the drain of the output MOSFET. VOUT
(output) is the source of the output MOSFET. In a typical circuit, current flows through the switch from
VIN to VOUT toward the load. Both VOUT pins must be short on the board and connected to the load
and so do both VIN pins but connected to the power source.
Thermal Shutdown
Thermal shutdown shuts off the output MOSFET if the die temperature exceeds 130℃ and 20℃ of
hysterics forces the switch turning off until the die temperature drops to 110℃.
Filtering
To limit the input voltage drop during hot-plug events connect a 10μF ceramic capacitor from VIN to
GND. However, higher capacitor values will further reduce the voltage drop at the input.
Connect a sufficient capacitor from VOUT to GND. This capacitor helps to prevent inductive parasitics
from pulling VOUT negative during turn-off or EMI damage to other components during the hot
detachment. It is also necessary for meeting the USB specification during hot plug-in operation. If
H
is implanted in device end application, minimum 1μF capacitor from VOUT to GND is
recommended and higher capacitor values are also preferred.
In choosing these capacitors, special attention must be paid to the Effective Series Resistance, ESR, of
the capacitors to minimize the IR drop across the capacitor’s ESR. A lower ESR on this capacitor can
get a lower IR drop during the operation.
Ferrite beads in series with all power and ground lines are recommended to eliminate or significantly
reduce EMI. In selecting a ferrite bead, the DC resistance of the wire used must be kept to a minimum to
reduce the voltage drop.
Soft Start
In order to eliminate the upstream voltage droop caused by the large inrush current during hot-plug
events, the “soft-start” feature effectively isolates power supplies from such highly capacitive loads.
Under-voltage Lockout
UVLO prevents the MOSFET switch from turning on until input voltage exceeds 1.7V (typical). If input
voltage drops below 1.7V (typical), UVLO shuts off the MOSFET switch.
Current Limiting and Short Protection
The current limit circuit is designed to protect the system supply, the MOSFET switch and the load from
damage caused by excessive currents. The current limit threshold is set internally to limit the output
current to approximately0.8A typical(VIN=3.0V). When the output is short to ground, it will limit to a
constant current 30mA until thermal shutdown or short condition removed.
HM9708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com