Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DVB Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 6DVB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVB Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  6DVB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: 6DV-B
6DV-B SPECIFICATIONS
ES-4220 Rev.20 Page 3/8
http://www.m-system.co.jp/
Ex ia EN 60079-11 (for ATEX intrinsic safety)
Ex d EN 60079-1 (for ATEX flameproof)
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
Safety approval:
FM: Intrinsically safe (US, Canada)
Class I, Div. 1, Groups A, B, C and D
Class II, Div. 1, Groups E, F and G
Class III, Div. 1
Class I, Zone 0, AEx ia IIC (US)
Class I, Zone 0, Ex ia IIC (Canada)
T4 and T5
(Class 3600)
(Class 3610)
(ANSI/ISA 60079-0)
(ANSI/ISA 60079-11)
(CAN/CSA-C22.2 E60079-0)
(CAN/CSA-C22.2 E60079-11)
FM: Explosion-proof and Dust-ignition proof (US)
Class I, Div. 1, Groups B, C and D
Class II, Div. 1, Groups E, F and G
Class III, Div. 1
T6
(Class 3600)
(Class 3615)
TIIS: Intrinsic safety
Ex ia IIC T5
TIIS: Flameproof
Ex d IIC T6
(EN 60079-0)
(EN 60079-11)
II 1G, Ex ia IIC; T4, T5, Ga
ATEX: Intrinsic safety
ATEX: FIameproof
II 2G, Ex db IIC; T5, T6 Gb
(EN 60079-0)
(EN 60079-1)
SAFETY PARAMETERS
Operating temperature
For FM/ATEX Intrinsically safe
(Temp Class: Operating temperature)
T4: -40 to +80°C
T5: -40 to +60°C
FM Explosion-proof
T6: -40 to +80°C
ATEX Flameproof
T5: -40 to +80°C
T6: -40 to +70°C
For TIIS Intrinsically safe
T5 -20 to +60°C
For TIIS Flameproof
T6 -20 to +60°C
Ex-data:
Ui (Vmax): 30 V DC
Ii (Imax): 100 mA DC
Pi (Pmax): 0.75 W
Ci: 1.0 nF
Li: 0 mH (TIIS Intrinsically Safe: ‘Negligible value’)
DISPLAY DESCRIPTIONS
■ DISPLAY DIGITS
The decimal point position may shift according to the
required number of digits for the integer section, even when
more than one decimal places have been specified.
However, when the number of decimal places is set to 3,
the ‘0’ in the integer section is not shown in order to secure
the number of effective digits, as explained in the table
below.
The ‘0’ is displayed when the number of decimal places is
set to 2, though the number of effective digits in this case is
reduced by 1 digit compared from the 3 decimal places.
Select appropriately for the application. Refer to
‘Programming Procedure’ for how to choose decimal point
positions.
3
DATA DISPLAY
DECIMAL
VALUE
2
-1.000 thr . -1.999
-0.001 thr . -0.999
-1.00 thr . -1.99
-0.01 thr . -0.99
...
...
...
...
Over-scale
DATA DISPLAY
ERROR TYPE
Under-scale
Setting error
Security code error
■ ERROR INDICATION
The data display blinks when an abnormality is detected.
The unit display backlight also blinks.
When the setting error or the security code error occurs, press
ENTR / ESC button once to cancel the error status and proceed
to set again.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com