Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DVB Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6DVB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVB Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6DVB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 6DV-B
6DV-B SPECIFICATIONS
ES-4220 Rev.20 Page 2/8
http://www.m-system.co.jp/
• Mounting screws
Bolt (M8 x 15): 4 pcs.
Spring washer for M8: 4 pcs.
• Mounting bracket assembly (option)
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304 (for aluminum enclosure)
Stainless steel 316 (for stainless steel enclosure)
Applicable pipe: 1 1/2” min.; 2” max.
• Engineering unit label (1)
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection:
• Without terminal block: Euro terminal block (Applicable
wire size: 0.14 – 1.5 mm2 (AWG26 – 16), stripped length 6
mm)
• With terminal block:
M3 screw terminal (torque 0.5 N·m)
Screw terminal:
• With terminal block: Nickel-plated steel
Materials
Meter housing: Flame-resistant resin (black)
Enclosure: Diecast aluminium standard; stainless steel
casting optional (equivalent to type 316); silver color, epoxy
resin coated
Isolation: Input to outdoor enclosure
Linearization: Proportional, SQRT (X1/2), RT32 (X3/2), RT52
(X5/2), user’s linearization table (max. 21 calibration points)
(Default setting: Proportional)
A/D conversion: Dual-slope integration
Security: Protecting settings
Scaling: Programming via the front buttons
DISPLAY
LED: 8 mm (.3”) 7-segment, red
Number of display digits: 4
Scaling range: -1999 to 9999 counts
Offset range: -1999 to 9999 counts
Decimal point position: 10-1, 10-2, 10-3 or none
Polarity sign: Minus (–) sign added automatically according
to the computation result
Over-range warning: All segments dark except the top ones
that blink with the input exceeding the display/measurable
range; or the bottom ones that blink with the input below
the range.
Read rate: 2.5/s
Engineering unit indication: Sticker label attached
DC, AC, W, ℃ , °F, V, mV, A, mA, %, kW, mW, kV, kA, psi, K,
bar, barg, Nℓ/min, kvar, Mvar, var, m, mm, kg, kg/h, kPa,
MPa, N·m, Nm3/h, m3/h, m3/sec, m/sec, kgf/cm2, ℓ/min, %RH,
ℓ, ℓ/h, t/h, rpm, ppm, pH, Pa
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Measurable range: 3.75 – 23 mA DC
Maximum input current
Non-approved: 100 mA
Explosion-proof: 23 mA
Intrinsically safe: Refer to ‘Safety Parameters.’
Voltage drop: Approx. 3.7 V with 4 mA
Approx. 4.0 V with 20 mA (Equivalent input impedance:
Approx. 200 Ω)
The minimum required supply voltage to the 2-wire
transmitter added with the indicator’s voltage drop at the
maximum input current must be within the output voltage
range of the 2-wire transmitter’s excitation supply.
INSTALLATION
Operating temperature: -40 to +85°C (-40 to +185°F)
(See Safety Parameters for use in a hazardous location.)
Weight:
· Unit
Approx. 1.3 kg (2.9 lb), aluminium
Approx. 4.0 kg (8.8 lb), stainless steel
Approx. 2.0 kg (4.4 lb), TIIS flameproof
· Mounting bracket set (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE
Accuracy: ±0.01 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) at 4 – 20 mA
input
Dielectric strength: 1500 V AC @ 1 minute
(input to outdoor enclosure)
HOW TO CALCULATE ACCURACY AGAINST SCALE
Example 1: 4 – 20 mA input, Scale 0 – 100
Accuracy = 0.01 mA ÷ (20 – 4)mA × 100 = 0.063 %
Display Error = (100 – 0) × 0.063 % = ±0.063 digits
Example 2: 10 – 20 mA input, Scale 100 – 1000
Accuracy = 0.01 mA ÷ (20 – 10)mA × 100 = 0.1 %
Display Error = (1000 – 100) × 0.1 % = ±0.9 digits
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
ATEX Directive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com