Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DVB Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 6DVB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVB Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  6DVB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: 6DV-B
6DV-B SPECIFICATIONS
ES-4220 Rev.20 Page 5/8
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
4–M8, 12 deep
92 (3.62)
110 (4.33)
MOUNTING BRACKET
(optional)
STOPPING PLUG (TIIS flameproof)
*
CABLE GLAND*
(TIIS flameproof)
G 1/2
2–G1/2, 1/2NPT,
M20x1.5 or PG13.5
SPACE REQUIRED TO REMOVE COVER
114 (4.49)
max. 78 (3.07)
approx. 7 (.28)
110 (4.33)
*Two cable glands and one plug are provided with TIIS flameproof type.
Use them according to the field wiring requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com