Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DVB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6DVB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6DVB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: 6DV-B
6DV-B SPECIFICATIONS
ES-4220 Rev.20 Page 1/8
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners 6-UNIT
4-DIGIT LOOP POWERED INDICATOR
(outdoor enclosure, intrinsically safe/explosion-proof)
Functions & Features
• 4-digit LED display
• No external power source needed
• Scaling, linearization and other configurations selectable
via three front control buttons
• Stainless steel enclosure optional
Note: Differences between the 6DV-B and the 6DVI-B exist
only in safety parameters. Refer to the relevant section for
more information.
MODEL:6DV–B–[1][2][3][4][5]
ORDERING INFORMATION
• Code number: 6DV-B-[1][2][3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. 6DV-B-0T01/S)
• Use Ordering Information Sheet (No. ESU-4220). Factory
standard setting will be used if not otherwise specified.
• Specify the country in which the product is to be used with
the Safety Approval code 2 or 4.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
2: ATEX intrinsic safety
3: FM explosion-proof
4: ATEX flameproof
7: TIIS intrinsic safety (CE not available)
8: TIIS flameproof (CE not available)
Confirm selectable combinations of approval and wiring
conduit types in the table.
[2] TERMINAL BLOCK
0: None (Euro type terminal block at the rear of indicator module)
(TIIS flameproof or TIIS intrinsically safe approvals not selectable)
T: Incorporated
[3] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
Confirm selectable combinations of approval and wiring
conduit types in the table.
[4] MOUNTING BRACKET
0: Without
1: With
[5] OPTIONS
Enclosure Materials
Blank: Diecast aluminium enclosure
/S: Stainless steel enclosure
(TIIS flameproof approval not selectable)
■ SELECTABLE WIRING CONDUITS SPECIFIC TO EACH APPROVAL
‘N’ marked combinations are not selectable.
APPROVAL
WIRING
0
1
2
3
4
7
8
CONDUIT
0
Y
Y
Y
N
N
Y
Y
1
Y
Y
Y
Y
Y
Y
N
2
Y
Y
Y
N
Y
Y
N
3
Y
Y
Y
N
N
Y
N
RELATED PRODUCTS
• Cable gland (model: BX-E-SXY)
• Stopping plug (model: BX-E-SBP)
PACKAGE INCLUDES...
• Cable gland: Two provided for TIIS flameproof type
Model No.: BX-E-SXY
Cable entries: Elastomeric sealing rings
Wiring conduit size: G 1/2
Material: Chrome-plated brass (entry)
CR (sealing ring)
Applicable wire size: 8 - 12 dia.
• Stopping plug: One provided for TIIS flameproof type
Model No.: BX-E-SBP
Wiring conduit size: G 1/2
Material: Diecast aluminium (plug)
NBR (O-ring)


Similar Part No. - 6DVB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6DV MSYSTEM-6DV Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV-0 MSYSTEM-6DV-0 Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV-0 MSYSTEM-6DV-0 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
6DV-1 MSYSTEM-6DV-1 Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV-1 MSYSTEM-6DV-1 Datasheet
211Kb / 4P
Field installation type converter 6-UNIT series
More results

Similar Description - 6DVB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV MSYSTEM-6DV Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DVIB MSYSTEM-6DVIB Datasheet
200Kb / 8P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6LC MSYSTEM-6LC Datasheet
99Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT MSYSTEM-6PT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6SN MSYSTEM-6SN Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS MSYSTEM-6TS Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS MSYSTEM-6VS Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com