Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DVB Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 6DVB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVB Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  6DVB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL: 6DV-B
6DV-B SPECIFICATIONS
ES-4220 Rev.20 Page 7/8
http://www.m-system.co.jp/
Hazardous Locatio
Non-Hazardous
Locatio
Controllor, etc.
+
–
*4
Safety Barrier
I/P Positioner, etc.
+
–
Hazardous Locatio
Controllor, etc.
+
–
–
+
*4
Safety Barrier
I/P Positioner, etc.
*5
Non-Hazardous
Locatio
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal
Bridge
1
2
4
3
+
–
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal
Bridge
1
2
4
3
+
–
• WITHOUT TERMINAL BLOCK (Euro terminal block at the rear of indicator module)
• WITH TERMINAL BLOCK
A safety barrier must be installed for the intrinsic safety.
The safety barrier must meet the Ex-data of this unit and must be approved for the hazardous location.
In order to use a two-wire transmitter, etc. in the TIIS intrinsically safe circuit, the combination of the 6DV-B
with the transmitter must be re-evaluated and approved by the TIIS.
This connection digram is not applicable for the TIIS intrinsic safety.
*4.
*5.
*6.
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal
Bridge
1
2
4
3
+
–
ENTR / ESC
BACK / DOWN
NEXT / UP
LED Display
Internal
Bridge
1
2
4
3
9
10
12
11
9
10
12
11
+
–
*6
■ 4-WIRE CONNECTION EXAMPLE
Hazardous Locatio
Controllor, etc.
+
–
–
+
*4
Safety Barrier
I/P Positioner, etc.
Non-Hazardous
Locatio
Hazardous Locatio
Non-Hazardous
Locatio
Controllor, etc.
+
–
*4
Safety Barrier
I/P Positioner, etc.
+
–
4 – 20mA DC
4 – 20mA DC
4 – 20mA DC
4 – 20mA DC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com