Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9DA00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN9DA00
Description  Analog master slice IC series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN9DA00 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN9DA00 Datasheet HTML 1Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 2Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 3Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 4Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 5Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Analog Master Slice
AN9D, AN9E, AN9F Series
3
Product name
AN9DA00 AN9DB00 AN9DC00 AN9DE00 AN9DD00* AN9DF00
Remarks
Pad count
28
36
55
64
75
32
Total element count
1 287
2 424
3 854
5 106
6 602
1 607
Transistor count
306
600
920
1 288
1 610
306
A11
320
448
560
Basic size
NPN
A21
160
224
280
Double size
A62P
8
8
8
62 times size
B11
126
252
126
Basic size (CW winding)
LA1
84
168
84
Basic size (Lateral type)
PNP
LA4S
4
4
4
8 times size (Lateral type)
V11
84
168
320
448
560
84
Basic size (Vertical type)
V21
120
168
210
Double size (Vertical type)
Gate countIIL
320
Resistor count
969
1 800
2 854
3 706
4 852
969
SP
5 k
Ω
474
888
1 408
1 728
2 440
474
10 k
Ω
198
336
480
640
800
198
SP2
2.5 k
Ω
297
576
966
1 338
1 612
297
Resistance variable
Capacitor count 5 pF
12
24
80
112
140
12
Note) *: Under development
• AN9D series (V
CC = to 12 V, fT(max) = 2.6 GHz)
• High speed low power dissipation process
• Constant-variable resistor and capacitor elements built in
• Large current transistor built in (AN9DA00, AN9DB00, AN9DF00)
• Optimal for a control-system application due to built-in collector wall type NPN transistors and lateral PNP transis-
tors (AN9DA00, AN9DB00, AN9DF00)
• Optimal for signal processing application due to built-in high speed NPN transistors and vertical PNP transistors
(AN9DC00, AN9DD00, AN9DE00)
• IIL element built-in (AN9DF00)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com