Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9DA00 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN9DA00
Description  Analog master slice IC series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN9DA00 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN9DA00 Datasheet HTML 1Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 2Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 3Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 4Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 5Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Analog Master Slice
AN9D, AN9E, AN9F Series
5
Product name
AN9FA00
Remarks
Pad count
36
Total element count
1 655
Transistor count
308
N11X
72
Basic size
NPN
W11X
72
Basic size (surrounded with DN)
N100X
8
100 times size
PNP
YA1
144
Basic size (Lateral type)
YX1DP
12
Emitter and collector are surrounded with DN
Resistor count
1 308
SP
2 k
Ω
1 068
Resistance variable
5 k
Ω
48
Resistance variable
PW
10 k
Ω
136
50 k
Ω
56
Capacitor count
7.5 pF
24
Capacitance variable
Diode count
ZD
ZB2
15
Bulk Zener diode
Special block
Output circuit
3
250 times size transistor built-in
Reference power supply circuit
1
2.5 V reference power supply circuit
Circuit name
Contents
Features
Remarks
Op-amp.1
General-use
Wide output D-range: 0.2 V to VCC − 0.5 V
AN9D series
Single power supply operational amp.
Low power consumption: ICC = 0.5 mA
Op-amp.2
High speed
High speed: Cutoff frequency
= 20 MHz
AN9D series
Highly stable operational amp.
: Slew rate
= 100 V/µs
Op-amp.3
General-use
Low power consumption: ICC = 0.15 mA
AN9D series
Single power supply operational amp.
Op-amp.4
General-use
High gain: Voltage gain
= 107 dB
AN9D series
Single power supply operational amp.
High stability: Phase margin
= 43°
Comp1
Low power consumption
Low power consumption: ICC = 0.1 mA
AN9D series
Single power supply comparator
High speed: tr / tf = 0.15 µs/0.3 µs
Comp2
Single power supply
High speed: td = 0.015 µs
AN9D series
High speed comparator
Reg1
General-use
High temp. stability: 150 ppm/degree or less
AN9D series
Stabilized power supply
Wide output voltage range: 1.3 V to VCC − 0.5 V
s Circuit Library
General-use basic circuits are available as libraries.
• AN9F series (V
CC = to 30 V, fT(max) = 300 MHz)
• High voltage process adopted
• Constant-variable resistor and capacitor elements built in
• Built-in Zener diode for simplified reference voltage
• Output-circuit-exclusive three blocks are built in
• ZAP-adopted reference-voltage-exclusive one block is built in



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com