Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9DA00 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN9DA00
Description  Analog master slice IC series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN9DA00 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN9DA00 Datasheet HTML 1Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 2Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 3Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 4Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 5Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN9D, AN9E, AN9F Series
Analog Master Slice
2
s Product Mix
Element characteristics
Series name
Supply
NPN transistor
PNP transistor
Remarks
voltage
fT(max)
BVCEO
hFE
fT(max)
BVCEO
hFE
AN9D series to 12 V
2.6 GHz
14.4 V 100 to 250 1.0 GHz
14.4 V
66 to 200
For low power dissipation/
high speed operation IC
AN9E series
to 12 V 3.5 GHz
14.4 V
80 to 250 1.5 GHz
14.4 V
50 to 130
For Bi-CMOS IC
AN9F series
to 30 V 300 MHz
30 V
80 to 250
9 MHz
30 V
80 to 350
For high breakdown
voltage IC
s Basic Block Configuration (AN9DA00, AN9DB00, AN9DF00)
SP2 resistor
(variable)
SP2 resistor
(variable)
SP resistor
(fixed)
SP resistor
(fixed)
Capacitance
PNP transistor
(lateral type)
PNP transistor
(vertical type)
NPN transistor
(collector wall type)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com