Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9DA00 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN9DA00
Description  Analog master slice IC series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN9DA00 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN9DA00 Datasheet HTML 1Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 2Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 3Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 4Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 5Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN9D, AN9E, AN9F Series
Analog Master Slice
4
Product name
AN9EA00* AN9EB00*
Remarks
Pad count
40
55
Total element count
8 830
14 033
Transistor count
900
1 402
N21
420
588
Double size
NPN
N54
20
34
40 times size
A42G
20
96
PNP
P21
420
588
Double size (Vertical type)
V42G
20
96
Resistor count
5 016
7 138
40 k
Ω
90
160
SP
10 k
Ω
1 440
2 016
5 k
Ω
1 680
2 352
PS
5 k
Ω
1 086
1 602
Resistance variable
2 k
Ω
720
1 008
Resistance variable
Capacitor count
5 pF
60
84
Diode count
30
42
ZD1
30
42
Zener zap element
MOS count
12
32
N-MOS
6
16
60/2
P-MOS
6
16
30/2
Gate array count
2 800
5 400
LOGIC
2 800
5 400
Use rate 35% or less
Standard cell count
12
19
Analog SW
6
12
Analog SW
4
4
8-bit DAC
1
1
Oscillation circuit
1
2
Note) *: Under development
• AN9E series (V
CC = to 12 V, fT(max) = 3.5 GHz)
• Bi-CMOS process adopted
• Constant-variable resistor and capacitor elements built in
• Gate array and standard cell built in
• Zener zap elements built in



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com