Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9DA00 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN9DA00
Description  Analog master slice IC series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN9DA00 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN9DA00 Datasheet HTML 1Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 2Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 3Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 4Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 5Page - Panasonic Semiconductor AN9DA00 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Analog Master Slice
1
AN9D, AN9E, AN9F Series
Analog master slice IC series
s Overview
The AN9D, AN9E and AN9F series are master slice ICs of bipolar process, which enables you to integrate an analog
circuit easily onto a single chip. A custom IC can be made by placing a wired pattern designed in line with the customer's
analog circuit onto a master slice.
Starting from a wafer on which a most part of IC diffusion processes are already finished, you can shorten an IC pilot
fabrication considerably. Further, placement of elements and inter-element wiring are done automatically by a com-
puter, which results in short period of pattern designing and thereby developing a custom IC in a short period.
s Features
• High design flexibility
• Easy circuit constant design because of setting resistance or capacitance to an arbitrary value.
• Free setting of contacts between a substrate and GND wiring prevents from operation error to be caused by floating
of substrate potential.
• Usable for multi power source because a resistor island potential can be set for each unit.
• Builds in a lateral type PNP transistor of high reverse breakdown voltage between base and emitter, or a collector
wall type NPN transistor of excellent saturation characteristics. (AN9DA00, AN9DB00, AN9DF00)
• Short development period
• Due to a full automatic layout design, a sample is available in one month from a completion of a circuit diagram.
• Applicable to a small quantity production item
• Possible to develop a custom IC for small quantity production due to a low development cost.
s Development Flow
1 000 elements in case
of general-use process
1week 3weeks
Full
custom
Master
slice
Layout
8weeks
Diffusion,
assembly
6weeks
EWS
Matsushita side
Customer side
Full automatic
layout
Mask layout
System design
Circuit design
Test specification, etc.
Drastic shrinkage of TAT
for small quantity production
Wiring, assembly
Fabricated wafer
Check
Chip
Evaluation
Wired mask only
Selection


Similar Part No. - AN9DA00

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
logo
ZF Friedrichshafen AG
AN9 ZFSWITCHES-AN9 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
The Use of QFETs in a Flyback Converter
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
Electromagnetic compatibility
1000-4-6
More results

Similar Description - AN9DA00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A510 ETC1-A510 Datasheet
45Kb / 6P
Analog Switch IC
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
Boost VON Slice VCOM
April 11, 2006
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
December 14, 2007
logo
Sanyo Semicon Device
LA2616V SANYO-LA2616V Datasheet
247Kb / 6P
Analog Surround IC
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
Texas Instruments
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
SparkFun Electronics
TOL-14508 SPARKFUN-TOL-14508 Datasheet
165Kb / 2P
Slice Craft Knife
12??9??7
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
Boost VON Slice VCOM
December 14, 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com