Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAEAC Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # CSAEAC
Description  Alarm with DC output AE-UNIT series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CSAEAC Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  CSAEAC Datasheet HTML 1Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 2Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 3Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 4Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
机型: AEAC
AEAC规格书
CS-0136 Rev.5 Page 4/5
http://www.m-system.co.jp/
面板图
②回滞幅度设定
手轮开关
③显示灯
⑦回滞幅度设定
手轮开关
●第2报警
⑥显示灯
●第1报警
①报警设定
手轮开关
⑧报警设定
手轮开关
9
9
9
9
9
9
⑤量程调整
④零点调整
外形尺寸图(单位 : mm)・端子编号图
50
72
(3.3)
60
72
7.8
安装夹(上、下)
DIN导轨
(宽35mm)
2-φ 4.5
安装孔
(深25)
14-M3.5
端子螺丝
・可进行高密度安装
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103
132



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com