Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAEAC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CSAEAC
Description  Alarm with DC output AE-UNIT series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CSAEAC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CSAEAC Datasheet HTML 1Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 2Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 3Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 4Page - M-System Co.,Ltd. CSAEAC Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
机型: AEAC
AEAC规格书
CS-0136 Rev.5 Page 1/5
http://www.m-system.co.jp/
带直流输出的报警器 AE-UNIT 系列
交流信号报警器
(有效值运算型)
主要的功能与特长
●带直流输出的插入式构造的上下限报警器
●采用有效值运算电路方式
●手轮开关设定方式 (最小位为1%)
●可选择报警时继电器励磁或非励磁
●输出接点为c接点
●继电器接点可使用110V DC
72
132
80
(mm)
4
4 1
6
6 1
机型: AEAC-①②③④⑤⑥-⑦⑧
订货时的指定事项
・机型代码: AEAC-①②③④⑤⑥-⑦⑧
 ①~⑧在下列代码中选择。
(例如: AEAC-A662101-B/Q)
・特殊规格 (例如: /C01/S01)
①输入信号
◆电流输入
AA: 0~10mA AC (输入电阻 100Ω)
AB: 0~50mA AC (输入电阻 20Ω)
AC: 0~100mA AC (输入电阻 10Ω)
AD: 0~500mA AC (输入电阻 1Ω)
AZ: 指定电流范围(参照「输入规格」之项)
(0%输入为0mA)
◆电压输入
A1: 0~100mV AC(输入电阻 100kΩ以上)
A2: 0~500mV AC(输入电阻 100kΩ以上)
A3: 0~1V AC(输入电阻 100kΩ以上)
A4: 0~5V AC(输入电阻 100kΩ以上)
A5: 0~10V AC(输入电阻 100kΩ以上)
A6: 0~120V AC(输入电阻 100kΩ以上)
A7: 0~150V AC(输入电阻 100kΩ以上)
A8: 指定电压范围(参照「输入规格」之项)
(0%输入为0V)
②直流输出信号
N: 无直流输出信号
◆电流输出
A: 4~20mA DC (负载电阻 350Ω以下)
B: 2~10mA DC (负载电阻 700Ω以下)
C: 1~5mA DC (负载电阻 1400Ω以下)
D: 0~20mA DC (负载电阻 350Ω以下)
E: 0~16mA DC (负载电阻 430Ω以下)
F:0~10mA DC (负载电阻 700Ω以下)
G:0~1mA DC (负载电阻 7000Ω以下)
Z: 指定电流范围 (参照「输出规格」之项)
◆电压输出
1: 0~10mV DC (负载电阻 10kΩ以上)
2: 0~100mV DC (负载电阻 100kΩ以上)
3: 0~1V DC (负载电阻 1000Ω以上)
4: 0~10V DC (负载电阻 10kΩ以上)
5: 0~5V DC (负载电阻 5000Ω以上)
6: 1~5V DC (负载电阻 5000Ω以上)
4W: -10~+10V DC (负载电阻 10kΩ以上)
5W: -5~+5V DC (负载电阻 5000Ω以上)
0: 指定电压范围 (参照「输出规格」之项)
③第1报警输出
1: 上限报警(报警时继电器励磁)
2: 上限报警(正常时继电器励磁)
3: 下限报警(报警时继电器励磁)
4: 下限报警(正常时继电器励磁)
④第2报警输出
1: 上限报警(报警时继电器励磁)
2: 上限报警(正常时继电器励磁)
3: 下限报警(报警时继电器励磁)
4: 下限报警(正常时继电器励磁)
⑤工作延迟时间
0: 0.5秒
1: 1秒
2: 2秒
3: 3秒
4: 4秒
⑥通电延迟时间
1: 1秒
2: 2秒
3: 3秒
4: 4秒
5: 5秒


Similar Part No. - CSAEAC

ManufacturerPart #DatasheetDescription
logo
YANGZHOU POSITIONING TE...
CSA 932-28IX5 YZPST-CSA 932-28IX5 Datasheet
168Kb / 3P
Asymmetric thyristors
logo
GREEGOO Electric Co.,Lt...
CSA-001 GREEGOO-CSA-001 Datasheet
1Mb / 2P
CSA Limit Switch
CSA-003 GREEGOO-CSA-003 Datasheet
1Mb / 2P
CSA Limit Switch
CSA-012 GREEGOO-CSA-012 Datasheet
1Mb / 2P
CSA Limit Switch
CSA-021 GREEGOO-CSA-021 Datasheet
1Mb / 2P
CSA Limit Switch
More results

Similar Description - CSAEAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AEAC MSYSTEM-AEAC Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEAD MSYSTEM-AEAD Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AECT MSYSTEM-AECT Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AEDN MSYSTEM-AEDN Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEDY MSYSTEM-AEDY Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEM MSYSTEM-AEM Datasheet
147Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEPT MSYSTEM-AEPT Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AET MSYSTEM-AET Datasheet
162Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AETG MSYSTEM-AETG Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEV MSYSTEM-AEV Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com