Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5025BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5025BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5025BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADRF5025
Rev. B | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −3.3 V, VCTL = 0 V or VDD, and TCASE = 25°C for a 50 Ω system, unless otherwise noted.
Insertion loss and return loss are measured on the probe matrix board using ground-signal-ground (GSG) probes close to the RFx pins.
See the Applications Information section for details on the evaluation and probe matrix boards.
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
TCASE = +105°C
TCASE = –55°C
Figure 7. Insertion Loss vs. Frequency with Impedance Match
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
RFC
RF1 ON
RF2 ON
Figure 8. Return Loss vs. Frequency for RFC and RFx (On)
with Impedance Match
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
RFC TO RFx
RFx TO RFx
Figure 9. Isolation vs. Frequency with Impedance Match
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
TCASE = +105°C
TCASE = –55°C
Figure 10. Insertion Loss vs. Frequency Without Impedance Match
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
RFC
RF1 ON
RF2 ON
Figure 11. Return Loss vs. Frequency for RFC and RFx (On)
Without Impedance Match
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
RFC TO RFx
RFx TO RFx
Figure 12. Isolation vs. Frequency Without Impedance Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com