Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5025BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5025BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5025BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADRF5025
Data Sheet
Rev. B | Page 10 of 13
APPLICATIONS INFORMATION
EVALUATION BOARD
The ADRF5025-EVALZ is a 4-layer evaluation board. The outer
copper (Cu) layers are 0.5 oz (0.7 mil) plated to 1.5 oz (2.2 mil)
and are separated by dielectric materials. Figure 17 shows the
evaluation board stackup.
0.5oz Cu (0.7mil)
RO4003
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 14mil
G = 7mil
T = 2.2mil
H = 8mil
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
Figure 17. Evaluation Board (Cross Section View)
All RF and dc traces are routed on the top copper layer,
whereas the inner and bottom layers are grounded planes that
provide a solid ground for the RF transmission lines. The top
dielectric material is 8 mil Rogers RO4003, offering optimal
high frequency performance. The middle and bottom dielectric
materials provide mechanical strength. The overall board
thickness is 62 mil, which allows 2.4 mm RF launchers to
be connected at the board edges.
WITHOUT
IMPEDANCE
MATCH
WITH
IMPEDANCE
MATCH
Figure 18. Evaluation Board Layout, Top View
The RF transmission lines were designed using a coplanar
waveguide (CPWG) model, with trace width of 14 mil and
ground clearance of 7 mil to have a characteristic impedance of
50 Ω. For optimal RF and thermal grounding, as many plated
through vias as possible are arranged around transmission lines
and under the exposed pad of the package.
The ADRF5025-EVALZ has two layouts implemented; with
and without impedance matching. By default, the impedance
matched circuit is populated. For more details on the impedance
matched circuit, refer to Impedance Matching in the Probe
Matrix Board section.
THRU CAL can be used to calibrate out the board loss effects
from the ADRF5025-EVALZ evaluation board measurements to
determine the device performance at the pins of the IC. Figure 19
shows the typical board loss for the ADRF5025-EVALZ
evaluation board at room temperature, the embedded insertion
loss, and the de-embedded insertion loss for ADRF5025.
–7
–6
–5
–4
–3
–2
–1
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
THRU LOSS
EMBEDDED INSERTION LOSS
DEEMBEDDED INSERTION LOSS
Figure 19. Insertion Loss vs. Frequency
Figure 20 shows the actual ADRF5025-EVALZ with its
component placement.
Two power supply ports are connected to the VDD and VSS
test points, TP7 and TP5 (or TP3 and TP1 if using without the
impedance match circuit), and the ground reference is
connected to the GND test point, TP4 or TP8. On the supply
traces, VDD and VSS, a 100 pF bypass capacitor filters high
frequency noise. Additionally, unpopulated components
positions are available for applying extra bypass capacitors.
A control port is connected to the CTRL test point, TP6 (or
TP2 for without the impedance match circuit). There are
provisions for the resistor capacitor (RC) filter to eliminate dc-
coupled noise, if needed, by the application. The resistor can
also improve the isolation between the RF and the control signal.
The RF input and output ports (RFC, RF1, and RF2) are
connected through 50 Ω transmission lines to the 2.4 mm
RF launchers, J10, J9, and J8 (or J2, J3, and J1 for the without
impedance match circuit), respectively. These high frequency
RF launchers are by contact and are not soldered to the board.
A THRU cal line connects the unpopulated J6 and J7 launchers
(or J4 and J5 for without the impedance match circuit). This
transmission line is used to estimate the loss due to the PCB
over the environmental conditions being evaluated.
The schematic of the ADRF5025-EVALZ evaluation board
is shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com