Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5025BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5025BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5025BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADRF5025
Rev. B | Page 13 of 13
OUTLINE DIMENSIONS
2.35
2.25
2.15
TOP VIEW
END VIEW
BOTTOM VIEW
1
3
4
6
7
9
10
12
0.53 REF
PIN 1
INDICATOR
0.26
0.22
0.18
0.75
0.70
0.65
0.85
0.75
0.65
0.85
0.80
0.75
0.10 × 0.45°
PIN 1
INDICATOR
0.40
BSC
0.633
BSC
0.567
BSC
0.818
BSC
0.775
BSC
0.125
BSC
0.80 REF
0.250
0.200
0.150
0.325
0.275
0.225
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 26. 12-Terminal Land Grid Array [LGA]
2.25 mm × 2.25 mm Body and 0.75 mm Package Height
(CC-12-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5025BCCZN
−40°C to +105°C
12-Terminal Land Grid Array [LGA]
CC-12-3
25
ADRF5025BCCZN-R7
−40°C to +105°C
12-Terminal Land Grid Array [LGA]
CC-12-3
25
ADRF5025-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2018–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16533-5/20(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com