Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5025BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5025BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5025BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADRF5025
Data Sheet
Rev. B | Page 8 of 13
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = 3.3 V, VSS = −3.3 V, VCTL = 0 V or VDD, and TCASE = 25°C for a 50 Ω system, unless otherwise noted. All of the large signal
performance parameters were measured on the evaluation board.
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
Figure 13. Input P1dB vs. Frequency
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
Figure 14. Input IP3 vs. Frequency over Temperature
10
12
14
16
18
20
22
24
26
28
30
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 15. Input P1dB vs. Frequency (Low Frequency Detail)
20
25
30
35
40
45
50
55
60
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 16. Input IP3 vs. Frequency over Temperature (Low Frequency Detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com