Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5025BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5025BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5025BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5025BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
ADRF5025
Rev. B | Page 9 of 13
THEORY OF OPERATION
The ADRF5025 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
filter high frequency noise.
All of the RF ports (RFC, RF1, and RF2) are dc-coupled to 0 V,
and no dc blocking is required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore,
external matching networks are not required. However,
impedance matching on transmission lines can be used to
improve insertion loss and return loss performance at high
frequencies.
The ADRF5025 integrates a driver to perform logic functions
internally and provides the user with the advantage of a
simplified CMOS/LVTTL-compatible control interface. This
driver features a single digital control input pin, CTRL. The
logic level applied to the CTRL pin determines which RF port is
in the insertion loss state and in the isolation state (see Table 5).
The unselected RF port of the ADRF5025 is reflective. The
isolation path provides high isolation between the unselected
port and the insertion loss path.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to
avoid current transients on VDD during ramp-up.
3. Apply the digital control inputs. The relative order of the
control inputs is not important. However, powering the
digital control inputs before the VDD supply may
inadvertently forward bias and damage the internal ESD
protection structures. To avoid this damage, use a series
1 kΩ resistor to limit the current flowing in to the control
pin. Use pull-up or pull-down resistors if the controller is
in a high impedance state after VDD is powered up and
the control pins are not driven to a valid logic state.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Table 5. Control Voltage Truth Table
RF Path
Digital Control Input (VCTRL)
RF1 to RFC
RF2 to RFC
Low
Isolation (off)
Insertion loss (on)
High
Insertion loss (on)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com