Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823B Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 54Page - Maxim Integrated Products MAX17823B Datasheet HTML 55Page - Maxim Integrated Products MAX17823B Datasheet HTML 56Page - Maxim Integrated Products MAX17823B Datasheet HTML 57Page - Maxim Integrated Products MAX17823B Datasheet HTML 58Page - Maxim Integrated Products MAX17823B Datasheet HTML 59Page - Maxim Integrated Products MAX17823B Datasheet HTML 60Page - Maxim Integrated Products MAX17823B Datasheet HTML 61Page - Maxim Integrated Products MAX17823B Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 58
LSAMP Offset Diagnostic Measurement
The LSAMP diagnostic measurement (DIAGSEL[2:0] = 0b011) measures the level-shift amplifier offset by shorting
the LSAMP inputs during the diagnostic portion of the acquisition. The result is available in the DIAG register after a
normal acquisition. For this measurement, the ADC polarity is automatically set to bipolar mode to allow accurate
measurement of voltages near zero. This measurement eliminates the chopping phase to preserve the offset error.
If the diagnostic measurement exceeds the valid range for VOS_LSAMP as specified in the Electrical Characteristics
table, the chopping function may not be able to cancel out all of the offset error and acquisition accuracy could be
degraded accordingly.
+
-
LSAMP
HVMUX
bus
ADC IN -
ADC IN +
LV
MUX
ADC
ADC automatically in
bipolar mode
G=6/13
Figure 34. LSAMP Offset Diagnostic
The LSAMP offset is computed from the result in the DIAG register as follows:
LSAMP Offset = ( | DIAG[15:2] - 2000h | / 16384d ) x 5V
The validity of measurements through LSAMP is further confirmed by the ALTREF and VAA diagnostics, and
comparison of the VBLKP measurement to the sum of the cell measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com