Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823B Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 17Page - Maxim Integrated Products MAX17823B Datasheet HTML 18Page - Maxim Integrated Products MAX17823B Datasheet HTML 19Page - Maxim Integrated Products MAX17823B Datasheet HTML 20Page - Maxim Integrated Products MAX17823B Datasheet HTML 21Page - Maxim Integrated Products MAX17823B Datasheet HTML 22Page - Maxim Integrated Products MAX17823B Datasheet HTML 23Page - Maxim Integrated Products MAX17823B Datasheet HTML 24Page - Maxim Integrated Products MAX17823B Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 21
THRM Output
The THRM output has 2 modes of operation, automatic and manual as shown in Table 5.
Table 5. THRM Output
Mode
ACQCFG[9:8]
Description
Automatic
00b
THRM output enabled at the beginning of the acquisition and
disabled at the end of the acquisition.
01b
Manual
10b
THRM output is enabled
11b
THRM output is disabled
The automatic mode minimizes power consumption, but after the THRM output is enabled, the AUXIN voltages must
be allowed to settle before the conversion. Since the auxiliary inputs are the last inputs measured, the duration of
the measurement cycle itself may provide sufficient settling time depending on what measurements are enabled and
the time constants for the auxiliary input circuit. Up to 384µs of additional settling time, if required, can be configured
by ACQCFG[5:0] as shown in Table 6 or by utilizing the manual mode. The ability to configure the settling time allows
for a range of time constants to be considered in designing the auxiliary application circuit.
Table 6. AINTIME
ACQCFG[5:0]
(AINTIME)
Additional Settling Time per Enabled
Auxiliary Channel = 6µs + (AINTIME x 6µs)
00h
6μs
01h
12μs
02h
18μs
…
…
1Fh
384 μs
Computing Temperature
In Figure 6, VAUXINn = VTHRM x RTH / (10KΩ + RTH) and this measurement is stored in the AINn register. The thermistor
resistance can then be solved for as follows:
RTH = (VTHRM x 10KΩ) / (VTHRM - VAUXINn) where VTHRM = 3.3V nominally
The resistance of an NTC thermistor increases as the temperature decreases and is typically specified by its
resistance R0 at T0 = +25°C = 298.15K and a material constant β (3400K typical). To the first order, the resistance
RTH is at a temperature T in Kelvin may be computed as follows:
The temperature T of the thermistor (in °C) can then be calculated as follows:
T (in °C) = (β / ln ((RTH / 10KΩ) + (β / 298.15K)) - 273.15K
Temperature Alerts
Auxiliary voltage measurements may be directly compared to pre-calculated voltages in the AINUT and AINOT
registers that correspond to specific over- and under-temperature thresholds. When a measurement exceeds the
AINUT or AINOT threshold level, the ALRTCOLD or ALRTHOT bits respectively are set in the STATUS register. An
alert is cleared only by a new measurement that is within threshold.
))
/
1
/
1
(
(
0
0
T
T
e
R
R
−
=
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com