Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823B Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 9Page - Maxim Integrated Products MAX17823B Datasheet HTML 10Page - Maxim Integrated Products MAX17823B Datasheet HTML 11Page - Maxim Integrated Products MAX17823B Datasheet HTML 12Page - Maxim Integrated Products MAX17823B Datasheet HTML 13Page - Maxim Integrated Products MAX17823B Datasheet HTML 14Page - Maxim Integrated Products MAX17823B Datasheet HTML 15Page - Maxim Integrated Products MAX17823B Datasheet HTML 16Page - Maxim Integrated Products MAX17823B Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 13
Detailed Description
The data acquisition system consists of the major blocks shown in Figure 1 and described in Table 1.
Table 1. System Blocks
Block
Description
ADC
Analog-to-Digital Converter. Uses a 12-bit successive-approximation register (SAR) with a
reference voltage of 2.307V and supplied by VAA.
HVMUX
12-channel high-voltage (65V) differential multiplexer for Cn inputs.
HV CHARGE PUMP
High-voltage charge-pump supply (VDCIN + 5.5V) for the HVMUX, ALTMUX, BALSW, and LSAMP
circuits which must switch high-voltage signals. Supplied by DCIN.
LSAMP
Level-shifting amplifier with a gain of 6/13. The result is that a 5V differential signal is attenuated to
2.307V, which is the reference voltage for the ADC.
LVMUX
Multiplexes various low-voltage signals including the level-shifted signals and temperature signals to
the ADC for subsequent A-to-D conversion.
ALTMUX
12-channel, high-voltage differential multiplexer for SWn inputs.
BALSW
Cell-balancing switches.
LINREG
3.3V (VAA) linear regulator used to power the ADC and digital logic. Supplied by DCIN (9V to 65V).
REF
2.307V precision reference voltage for ADC and LINREG. Temperature-compensated.
ALTREF
1.242V precision reference voltage used for diagnostics.
16MHZ OSC
16MHz oscillator with 2% accuracy for clocking state-machines and UART timing.
32KHZ OSC
32,768Hz oscillator for driving charge pumps and timers.
LOWER PORT
Differential UART for communication with host or down-stack devices. Auto-detects baud rates of
0.5Mbps, 1Mbps, or 2Mbps.
UPPER PORT
Differential UART for communication with up-stack devices.
CONTROL AND STATUS
ALUs, control logic, and data registers
DIE TEMP
A Proportional-to-Absolute-Temperature (PTAT) voltage source used to measure the die
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com