Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823B Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 36Page - Maxim Integrated Products MAX17823B Datasheet HTML 37Page - Maxim Integrated Products MAX17823B Datasheet HTML 38Page - Maxim Integrated Products MAX17823B Datasheet HTML 39Page - Maxim Integrated Products MAX17823B Datasheet HTML 40Page - Maxim Integrated Products MAX17823B Datasheet HTML 41Page - Maxim Integrated Products MAX17823B Datasheet HTML 42Page - Maxim Integrated Products MAX17823B Datasheet HTML 43Page - Maxim Integrated Products MAX17823B Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 40
Shutdown Mode
Shutdown is performed by bringing VSHDNL < 0.6V. Table 18 summarizes the methods by which this can be achieved.
Table 18. Shutdown Timing
Shutdown Method
RPULLDOWN
CSHDNL
RC
1. Host drives SHDNL pin low
1kΩ
External
1nF
1µs
2. Host sets FORCEPOR bit
5kΩ
Internal
5µs
3. Disconnect DCIN
200kΩ
External
200µs
4. Host places UART in idle mode
10MΩ
Internal
10,000µs
The quickest shutdown can be achieved by driving SHDNL externally with a driver pull-down impedance not
exceeding 1kΩ. If SHDNL is not driven externally, the host can discharge CSHDNL under software control by setting
the FORCEPOR bit. This will enable a pull-down (4.7kΩ nominal) to discharge the capacitor with a 4.7µs time
constant.
The slowest method is for the host to simply cease communication. With the UART idle, there is no charge pumping
and the capacitor discharges through an internal 10MΩ resistor with a 10ms time constant. If shutdown faster than
10ms is desired when power is disconnected from the device, a 200kΩ resistor may be connected externally from
SHDNL to AGND to create a 200µs time constant.
If only a reset is required, the host can issue a soft reset by setting the SPOR bit. This will reset the device registers
and disable high-voltage operation but low-voltage operation remains enabled (the regulator is not disabled).
Note: For single-ended communication, SHDNL must be driven externally since the charge pump operation requires
a differential signal.
Shutdown Sequence
The shutdown sequence and timing is shown in Figures 21–23. The ALRTSHDNL status bit will be set and the low-
voltage regulator is disabled as soon as VSHNDL < 0.6V. When the VAA and VDDL decoupling capacitors discharge
below the POR threshold (2.95V typical) then the device registers are reset and the HV charge pump is disabled.
The device is then in an ultra-low-power state until VSHDNL > 1.8V.
POR Active
VAA >
VPOR_RISING
POR Inactive
Check VAA
Oscillator, Charge
Pump, Digital
Logic Disabled
VAA <
VPOR_FALLING
Figure 21. Shutdown Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com