Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823B Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 28Page - Maxim Integrated Products MAX17823B Datasheet HTML 29Page - Maxim Integrated Products MAX17823B Datasheet HTML 30Page - Maxim Integrated Products MAX17823B Datasheet HTML 31Page - Maxim Integrated Products MAX17823B Datasheet HTML 32Page - Maxim Integrated Products MAX17823B Datasheet HTML 33Page - Maxim Integrated Products MAX17823B Datasheet HTML 34Page - Maxim Integrated Products MAX17823B Datasheet HTML 35Page - Maxim Integrated Products MAX17823B Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 32
Cell Balancing
Cell-Balancing Switches
Cell balancing may be performed using any of the twelve internal cell-balancing switches to discharge cells. The
cell-balancing current is limited by the external balancing resistors and the internal balancing switch resistance (RSW).
Enabling adjacent balancing switches simultaneously may increase the balancing current significantly so care must
be taken to not exceed the device’s maximum operating conditions. Fault detection is described in the Diagnostics
section.
HV
Balancing
Switch (n)
To ALTMUX
To ALTMUX
SWn
SWn-1
Cn
AGND
Cn-1
BALSWEN
Rfilter
Rbalance
Cfilter
Cell n
Rfilter
Rbalance
Cfilter
Rbalfilter
To HVMUX
To HVMUX
To Cell n-1
To Cell n+1
Sense Wire
Sense Wire
Figure 15. Internal Cell-Balancing
Maximum Cell-Balancing Current
The maximum balancing current is limited by package power dissipation, average die temperature, average duty-
cycle of the switch, and the number of switches conducting current at any one time.
The power dissipation must not exceed the absolute maximum rating of the package nor should the die temperature
go outside the range specified for the desired level of measurement accuracy. Higher die temperatures and higher
average duty-cycles increase the probability of internal electromigration and so the maximum balancing current is
lowered accordingly as shown in Table 11 for an assumed 10-year device lifetime.
Table 11. Maximum Allowed Balancing Current per Switch
Average Lifetime Duty-Cycle
(10 years)
TDIE = 85°C
TDIE = 105°C
TDIE = 125°C
15%
>320mA
>320mA
215mA
20%
>320mA
320mA
161mA
25%
>320mA
256mA
129mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com