Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547BCPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5547BCPZN-R7
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547BCPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5547BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5547
Rev. A | Page 3 of 15
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD1-ChA, VDD1-ChB, VDD2-ChA, VDD2-ChB, and SWVDD-ChAB = 5 V, SWCTRL-ChAB = 0 V or SWVDD-ChAB, BP-ChA =
VDD1-ChA or 0 V, BP-ChB = VDD1-ChB or 0 V, PD-ChAB = 0 V or VDD1-ChA, and TCASE = 25°C on a 50 Ω system, unless otherwise
noted.
Table 1
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
3.7
5.3
GHz
GAIN1
Receive operation at 4.6 GHz
High Gain Mode
33
dB
Low Gain Mode
18
dB
GAIN FLATNESS1
Receive operation in any 100 MHz bandwidth
High Gain Mode
0.6
dB
Low Gain Mode
0.2
dB
NOISE FIGURE1
Receive operation at 4.6 GHz
High Gain Mode
1.6
dB
Low Gain Mode
1.6
dB
OUTPUT THIRD ORDER INTERCEPT POINT
(OIP3)1
Receive operation, two-tone output power = 8 dBm
per tone at 1 MHz tone spacing
High Gain Mode
31
dBm
Low Gain Mode
22
dBm
OUTPUT 1 dB COMPRESSION (OP1dB)
High Gain Mode
18
dBm
Low Gain Mode
6
dBm
INSERTION LOSS1
Transmit operation at 4.6 GHz
0.50
dB
CHANNEL TO CHANNEL ISOLATION1
At 4.6 GHz
Between RxOUT-ChA and RxOUT-ChB
Receive operation
45
dB
Between TERM-ChA and TERM-ChB
Transmit operation
53
dB
SWITCH ISOLATION1
ANT-ChA to TERM-ChA and ANT-ChB to
TERM-ChB
Transmit operation, PD-ChAB = 0 V
20
dB
SWITCHING CHARACTERISTICS (TON, TOFF)
50% control voltage to 90%, 10% of RxOUT-ChA or
RxOUT-ChB in receive operation
860
ns
50% control voltage to 90%, 10% of TERM-ChA or
TERM-ChB in transmit operation
800
ns
RF INPUT POWER AT ANT-CHA, ANT-CHB1
Receive operation, LTE average (9 dB PAR)
15
dBm
RECOMMENDED OPERATING CONDITIONS
Bias Voltage Range
VDD1-ChA, VDD1-ChB, VDD2-ChA, VDD2-ChB,
SWVDD-ChAB
4.75
5
5.25
V
Control Voltage Range2
SWCTRL-ChAB, BP-ChA, BP-ChB, PD-ChAB
0
VDD
V
RF Input Power at ANT-ChA, ANT-ChB
SWCTRL-ChAB = 5 V, BP-ChA = BP-ChB = 0 V, PD-
ChAB = 5 V, TCASE = 105°C2
Continuous wave
40
dBm
9 dB PAR LTE full lifetime average
40
dBm
9 dB PAR LTE single event (<10 sec) average
43
dBm
Case Temperature Range (TCASE)3
−40
+105
°C
Junction Temperature at Maximum TCASE1, 3
Receive operation
132
°C
Transmit operation
134
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com