Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547BCPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5547BCPZN-R7
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547BCPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5547BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5547
Rev. A | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Positive Supply Voltage
VDD1-ChA, VDD1-ChB, VDD2-ChA,
VDD2-ChB
7 V
SWVDD-ChAB
5.4 V
Digital Control Input Voltage
SWCTRL-ChAB
−0.3 V to VDD1+ 0.3 V
BP-ChA, BP-ChB, PD-ChAB
−0.3 V to VDD1+ 0.3 V
RF Input Power (LTE Peak)
Transmit
53 dBm
Receive
25 dBm
Temperature
Storage
−65°C to +150°C
Reflow (Moisture Sensitivity Level (MSL) 3
Rating)
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
1 kV, Class 1C
Charge Device Model (CDM)
1.25 kV
1
VDD is the voltage of the VDD1-ChA, VDD1-ChB, VDD2-ChA, and VDD2-ChB pins.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operation environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC
Unit
CP-40-15
High Gain and Low Gain Mode
30
°C/W
Power-Down Mode
8.7
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com