Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547BCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5547BCPZN-R7
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547BCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5547BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Dual-Channel, 3.7 GHz to 5.3 GHz,
Receiver Front End
Data Sheet
ADRF5547
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated dual-channel RF front end
2-stage LNA and high power SPDT switch
On-chip bias and matching
Single-supply operation
Gain
High gain mode: 33 dB typical at 4.6 GHz
Low gain mode: 18 dB typical at 4.6 GHz
Low noise figure
High gain mode: 1.6 dB typical at 4.6 GHz
Low gain mode: 1.6 dB typical at 4.6 GHz
High channel to channel isolation
Between RxOUT-ChA and RxOUT-ChB: 45 dB typical
Between TERM-ChA and TERM-ChB: 53 dB typical
Low insertion loss: 0.50 dB typical at 4.6 GHz
High power handling at TCASE = 105°C
Full lifetime
LTE average power (9 dB PAR): 40 dBm
Single event (<10 sec operation)
LTE average power (9 dB PAR): 43 dBm
High OIP3: 31 dBm typical
Power-down mode and low gain mode for LNA
Low supply current
High gain mode: 86 mA typical at 5 V
Low gain mode: 36 mA typical at 5 V
Power-down mode: 12 mA typical at 5 V
Positive logic control
40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Wireless infrastructure
TDD massive multiple input and multiple output (MIMO) and
active antenna systems
TDD-based communication systems
GENERAL DESCRIPTION
The ADRF5547 is a dual-channel, integrated RF, front end
multichip module designed for time division duplexing (TDD)
applications that operates from 3.7 GHz to 5.3 GHz. The
ADRF5547 is configured in dual channels with a cascading
two-stage low noise amplifier (LNA) and a high power silicon,
single-pole, double-throw (SPDT) switch.
In high gain mode, the cascaded, two-stage LNA and switch
offer a low noise figure of 1.6 dB and high gain of 33 dB at
4.6 GHz with an output third order intercept point (OIP3) of
31 dBm (typical).
FUNCTIONAL BLOCK DIAGRAM
1
GND
2
GND
3
ANT-ChA
4
GND
5
SWCTRL-ChAB
6
SWVDD-ChAB
7
GND
8
ANT-ChB
9
GND
10
GND
23 GND
24 BP-ChB
25 NIC
26 PD-ChAB
27 BP-ChA
28 GND
29 RxOUT-ChA
30 GND
22 RxOUT-ChB
21 GND
ADRF5547
Figure 1.
In low gain mode, one stage of the two-stage LNAs is in bypass,
providing 18 dB gain at lower current of 36 mA. In power-down
mode, the LNAs are turned off and the device draws 12 mA.
In transmit operation, when RF inputs are connected to a
termination pin (TERM-ChA or TERM-ChB), the switch
provides a low insertion loss of 0.50 dB and handles long term
evolution (LTE) average power (9 dB peak to average ratio
(PAR)) of 40 dBm for full lifetime operation and 43 dBm for
single event (<10 sec) LNA protection operation.
The device comes in an RoHS compliant, compact, 40-lead,
6 mm × 6 mm LFCSP.


Similar Part No. - ADRF5547BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5545A AD-ADRF5545A Datasheet
438Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
Rev. B
ADRF5545A-EVALZ AD-ADRF5545A-EVALZ Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5545A-EVALZ AD-ADRF5545A-EVALZ Datasheet
438Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
Rev. B
ADRF5545ABCPZN AD-ADRF5545ABCPZN Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
More results

Similar Description - ADRF5547BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
logo
Qorvo, Inc
QPF4005 QORVO-QPF4005 Datasheet
956Kb / 22P
37 ??40.5 GHz GaN Dual Channel Front End Module
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com