Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547BCPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5547BCPZN-R7
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547BCPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5547BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADRF5547
Data Sheet
Rev. A | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADRF5547
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. IT IS RECOMMENDED
TO CONNECT NIC TO THE RF GROUND OF THE PCB.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF OR DC GROUND.
1
GND
2
GND
3
ANT-ChA
4
GND
5
SWCTRL-ChAB
6
SWVDD-ChAB
7
GND
8
ANT-ChB
9
GND
10
GND
23 GND
24 BP-ChB
25 NIC
26 PD-ChAB
27 BP-ChA
28 GND
29 RxOUT-ChA
30 GND
22 RxOUT-ChB
21 GND
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 7, 9 to 11, 14 to 16, 21, 23, 28, 30, 35 to 37, 40
GND
Ground. See Figure 3 for the interface schematic.
3
ANT-ChA
RF Input to Channel A.
5
SWCTRL-ChAB
Control Voltage for Switches on Channel A and Channel B. See
Figure 7 for the interface schematic.
6
SWVDD-ChAB
Supply Voltage for Switches on Channel A and Channel B. See
Figure 7 for the interface schematic.
8
ANT-ChB
RF Input to Channel B.
12
TERM-ChB
Termination Output. This pin is the transmitter path for Channel B.
13, 18, 19, 25, 32, 33, 38
NIC
Not Internally Connected. It is recommended to connect NIC to the
RF ground of the PCB.
17
VDD1-ChB
Supply Voltage for Stage 1 LNA on Channel B. See Figure 5 for the
interface schematic.
20
VDD2-ChB
Supply Voltage for Stage 2 LNA on Channel B. See Figure 5 for the
interface schematic.
22
RxOUT-ChB
RF Output. This pin is the receiver path for Channel B. See Figure 4
for the interface schematic.
24
BP-ChB
Bypass Second Stage LNA of Channel B. See Figure 6 for the
interface schematic.
26
PD-ChAB
Power-Down All Stages of LNA for Channel A and Channel B. See
Figure 6 for the Interface schematic.
27
BP-ChA
Bypass Second Stage LNA of Channel A. See Figure 6 for the
interface schematic.
29
RxOUT-ChA
RF Output. This pin is the receiver path for Channel A. See Figure 4 for
the interface schematic.
31
VDD2-ChA
Supply Voltage for Stage 2 LNA on Channel A. See Figure 5 for the
interface schematic.
34
VDD1-ChA
Supply Voltage for Stage 1 LNA on Channel A. See Figure 5 for the
interface schematic.
39
TERM-ChA
Termination Output. This pin is the transmitter path for Channel A.
EPAD
Exposed Pad. The exposed pad must be connected to RF or dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com