Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547BCPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5547BCPZN-R7
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547BCPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5547BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5547BCPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADRF5547
Data Sheet
Rev. A | Page 10 of 15
RECEIVE OPERATION, LOW GAIN MODE
25
0
5
10
15
20
2
3
4
5
6
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 16. Gain vs. Frequency at Various Temperatures
0
–30
–25
–20
–15
–10
–5
2
3
4
5
6
FREQUENCY (GHz)
OUTPUT
INPUT
Figure 17. Return Loss vs. Frequency
3.0
0
0.5
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
5.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 18. Noise Figure vs. Frequency at Various Temperatures
20
10
12
14
16
18
3.5
4.0
4.5
5.0
5.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 19. Gain vs. Frequency at Various Temperatures,
3.5 GHz to 5.5 GHz
–20
–90
–80
–70
–60
–50
–40
–30
2
3
4
5
6
FREQUENCY (GHz)
ISOLATION RxOUT-ChB TO RxOUT-ChA
ISOLATION RxOUT-ChA TO RxOUT-ChB
Figure 20. Channel to Channel Isolation vs. Frequency
35
10
15
20
25
30
4.2
4.4
4.6
4.8
5.0
5.2
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 21. OIP3 vs. Frequency at Various Temperatures,
−8 dBm Output Tone Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com